Part Number Hot Search : 
SMPJ112 MC340 SC942160 67401J 2N3719 LM358D SMLJ65A EL5221
Product Description
Full Text Search
 

To Download 2SB1419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1419
DESCRIPTION *With TO-3PL package *Wide area of safe operation *Low collector saturation voltage APPLICATIONS *For low frequency and high power amplifier applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-3PL) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE -160 -160 -5 -12 -20 120 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain CONDITIONS IC=-50mA ;IB=0 IC=-8A ;IB=-0.8A IC=-8A ; VCE=-5V VCB=-160V; IE=0 VEB=-5V; IC=0 IC=-20mA ; VCE=-5V IC=-1A ; VCE=-5V IC=-8A ; VCE=-5V 20 60 20 MIN -160
2SB1419
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 hFE-3
TYP.
MAX
UNIT V
-1.8 -1.8 -50 -50
V V A A
200
hFE-2 classifications Q 60-120 S 80-160 P 100-200
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1419
Fig.2 Outline dimensions (unindicated tolerance:0.50 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X